Part Number Hot Search : 
24C00ISN 4A17A BC850BL A143Z 42375 AXIOM75 P87C5 GF3AB
Product Description
Full Text Search
 

To Download M54HC132K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC132
RAD-HARD QUAD 2-INPUT SCHMITT NAND GATE
s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: tPD = 11ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 1A (MAX.) at TA=25C HIGH NOISE IMMUNITY: VH(TYP.) = 0.9 V AT VCC = 5 V SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 132 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9201-120
DILC-14
FPC-14
ORDER CODES
PACKAGE DILC FPC FM M54HC132D M54HC132K EM M54HC132D1 M54HC132K1
DESCRIPTION The M54HC132 is an high speed CMOS QUAD 2-INPUT SCHMITT NAND GATE fabricated with silicon gate C2MOS technology.
Pin configuration and function are identical to those of the M54HC00. The hysteresis characteristics (around 20% VCC) of all inputs allow slowly changing input signals to be transformed into sharply defined jitter-free output signals. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION
March 2004
1/7
M54HC132
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN N 1, 4, 9, 12 2, 5, 10, 13 3, 6, 8, 11 7 14 SYMBOL 1A to 4A 1B to 4B 1Y to 4Y GND VCC NAME AND FUNCTION Data Inputs Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
A L L H H B L H L H Y H H H L
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 300 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
2/7
M54HC132
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top Supply Voltage Input Voltage Output Voltage Operating Temperature Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 Unit V V V C
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA VI = VCC or GND VI = VCC or GND TA = 25C Min. 1.0 2.3 3.0 0.3 1.13 1.5 0.3 0.6 0.8 1.9 4.4 5.9 4.18 5.68 Typ. 1.25 2.7 3.5 0.65 1.6 2.3 0.6 1.1 1.2 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 1 Max. 1.5 3.15 4.2 0.9 2.0 2.6 1.0 1.4 1.4 Value -40 to 85C Min. 1.0 2.3 3.0 0.3 1.13 1.5 0.3 0.6 0.8 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 10 Max. 1.5 3.15 4.2 0.9 2.0 2.6 1.0 1.4 1.7 -55 to 125C Min. 1.0 2.3 3.0 0.3 1.13 1.5 0.3 0.6 0.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 20 A A V V Max. 1.5 3.15 4.2 0.9 2.0 2.6 1.0 1.4 1.7 V Unit
VP
High Level Threshold Voltage Low Level Threshold Voltage Hysteresis Voltage
VN
V
VH
V
VOH
High Level Output Voltage
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 52 13 11 Max. 75 15 13 105 21 18 Value -40 to 85C Min. Max. 95 19 16 130 26 22 -55 to 125C Min. Max. 110 22 19 160 32 27 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time
ns
3/7
M54HC132
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 29 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
WAVEFORM: PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
4/7
M54HC132
DILC-14 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D e e1 e2 e3 F I K L 10.90 1.14 1.27 15.11 7.62 7.11 2.1 3.00 0.63 1.82 0.40 0.20 18.79 7.36 0.88 2.03 0.45 0.254 19.00 7.62 2.54 15.24 7.87 15.37 8.12 7.75 3.70 12.1 1.5 0.429 0.045 0.050 0.595 0.300 0.280 TYP MAX. 22.54 3.70 1.14 2.39 0.50 0.30 19.20 7.87 MIN. 0.083 0.118 0.025 0.072 0.016 0.008 0.740 0.290 0.035 0.080 0.018 0.010 0.748 0.300 0.100 0.600 0.310 0.605 0.320 0.305 0.146 0.476 0.059 TYP. MAX. 0.100 0.146 0.045 0.094 0.020 0.012 0.756 0.310 inch
0016173H
5/7
M54HC132
FPC-14 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N 18.75 0.38 4.31 0.38 6.75 9.76 1.49 0.10 7.50 0.127 7.62 1.27 0.43 6.0 22.0 0.738 0.015 0.170 0.48 0.015 TYP 6.91 9.95 MAX. 7.06 10.14 1.95 0.15 7.75 MIN. 0.266 0.384 0.059 0.004 0.295 0.005 0.300 0.050 0.017 0.236 0.866 0.019 TYP. 0.272 0.392 MAX. 0.278 0.399 0.077 0.006 0.305 inch
F
G
D
H
14
8
A
N
L
1
7
H
E
B
M
C
016029E
6/7
M54HC132
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of M54HC132K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X